Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 132 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 132 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 128Page - Microsemi Corporation AFS090 Datasheet HTML 129Page - Microsemi Corporation AFS090 Datasheet HTML 130Page - Microsemi Corporation AFS090 Datasheet HTML 131Page - Microsemi Corporation AFS090 Datasheet HTML 132Page - Microsemi Corporation AFS090 Datasheet HTML 133Page - Microsemi Corporation AFS090 Datasheet HTML 134Page - Microsemi Corporation AFS090 Datasheet HTML 135Page - Microsemi Corporation AFS090 Datasheet HTML 136Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 334 page
background image
Device Architecture
2- 11 6
R e v isio n 2
ADC Interface Timing
Table 2-48 • ADC Interface Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tSUMODE
Mode Pin Setup Time
0.56
0.64
0.75
ns
tHDMODE
Mode Pin Hold Time
0.26
0.29
0.34
ns
tSUTVC
Clock Divide Control (TVC) Setup Time
0.68
0.77
0.90
ns
tHDTVC
Clock Divide Control (TVC) Hold Time
0.32
0.36
0.43
ns
tSUSTC
Sample Time Control (STC) Setup Time
1.58
1.79
2.11
ns
tHDSTC
Sample Time Control (STC) Hold Time
1.27
1.45
1.71
ns
tSUVAREFSEL
Voltage Reference Select (VAREFSEL) Setup Time
0.00
0.00
0.00
ns
tHDVAREFSEL
Voltage Reference Select (VAREFSEL) Hold Time
0.67
0.76
0.89
ns
tSUCHNUM
Channel Select (CHNUMBER) Setup Time
0.90
1.03
1.21
ns
tHDCHNUM
Channel Select (CHNUMBER) Hold Time
0.00
0.00
0.00
ns
tSUADCSTART
Start of Conversion (ADCSTART) Setup Time
0.75
0.85
1.00
ns
tHDADCSTART
Start of Conversion (ADCSTART) Hold Time
0.43
0.49
0.57
ns
tCK2QBUSY
Busy Clock-to-Q
1.33
1.51
1.78
ns
tCK2QCAL
Power-Up Calibration Clock-to-Q
0.63
0.71
0.84
ns
tCK2QVAL
Valid Conversion Result Clock-to-Q
3.12
3.55
4.17
ns
tCK2QSAMPLE
Sample Clock-to-Q
0.22
0.25
0.30
ns
tCK2QRESULT
Conversion Result Clock-to-Q
2.53
2.89
3.39
ns
tCLR2QBUSY
Busy Clear-to-Q
2.06
2.35
2.76
ns
tCLR2QCAL
Power-Up Calibration Clear-to-Q
2.15
2.45
2.88
ns
tCLR2QVAL
Valid Conversion Result Clear-to-Q
2.41
2.74
3.22
ns
tCLR2QSAMPLE
Sample Clear-to-Q
2.17
2.48
2.91
ns
tCLR2QRESULT
Conversion result Clear-to-Q
2.25
2.56
3.01
ns
tRECCLR
Recovery Time of Clear
0.00
0.00
0.00
ns
tREMCLR
Removal Time of Clear
0.63
0.72
0.84
ns
tMPWSYSCLK
Clock Minimum Pulse Width for the ADC
4.00
4.00
4.00
ns
tFMAXSYSCLK
Clock Maximum Frequency for the ADC
100.00
100.00
100.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com