Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 135 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 135 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 131Page - Microsemi Corporation AFS090 Datasheet HTML 132Page - Microsemi Corporation AFS090 Datasheet HTML 133Page - Microsemi Corporation AFS090 Datasheet HTML 134Page - Microsemi Corporation AFS090 Datasheet HTML 135Page - Microsemi Corporation AFS090 Datasheet HTML 136Page - Microsemi Corporation AFS090 Datasheet HTML 137Page - Microsemi Corporation AFS090 Datasheet HTML 138Page - Microsemi Corporation AFS090 Datasheet HTML 139Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 119
Analog System Characteristics
Table 2-49 • Analog Channel Specifications
Commercial Temperature Range Conditions, TJ = 85°C (unless noted otherwise),
Typical: VCC33A = 3.3 V, VCC = 1.5 V
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Voltage Monitor Using Analog Pads AV, AC and AT (using prescaler)
Input Voltage
(Prescaler)
Refer to Table 3-2 on page 3-3
VINAP
Uncalibrated Gain and
Offset Errors
Refer to Table 2-51 on
page 2-124
Calibrated Gain and
Offset Errors
Refer to Table 2-52 on
page 2-125
Bandwidth1
100
KHz
Input Resistance
Refer to Table 3-3 on page 3-4
Scaling Factor
Prescaler modes (Table 2-57 on
page 2-132)
Sample Time
10
µs
Current Monitor Using Analog Pads AV and AC
VRSM1
Maximum Differential
Input Voltage
VAREF / 10
mV
Resolution
Refer to "Current Monitor"
section
Common Mode Range
– 10.5 to +12
V
CMRR
Common Mode
Rejection Ratio
DC – 1 KHz
60
dB
1 KHz - 10 KHz
50
dB
> 10 KHz
30
dB
tCMSHI
Strobe High time
ADC
conv.
time
200
µs
tCMSHI
Strobe Low time
5
µs
tCMSHI
Settling time
0.02
µs
Accuracy
Input differential voltage > 50 mV
–2 –(0.05 x
VRSM) to +2 +
(0.05 x VRSM)
mV
Notes:
1. VRSM is the maximum voltage drop across the current sense resistor.
2. Analog inputs used as digital inputs can tolerate the same voltage limits as the corresponding analog pad. There is no
reliability concern on digital inputs as long as VIND does not exceed these limits.
3. VIND is limited to VCC33A + 0.2 to allow reaching 10 MHz input frequency.
4. An averaging of 1,024 samples (LPF setting in Analog System Builder) is required and the maximum capacitance
allowed across the AT pins is 500 pF.
5. The temperature offset is a fixed positive value.
6. The high current mode has a maximum power limit of 20 mW. Appropriate current limit resistors must be used, based on
voltage on the pad.
7. When using SmartGen Analog System Builder, CalibIP is required to obtain 0 offset. For further details on CalibIP, refer
to the "Temperature, Voltage, and Current Calibration in Fusion FPGAs" chapter of the
Fusion FPGA Fabric User’s
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com