Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 138 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 138 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 134Page - Microsemi Corporation AFS090 Datasheet HTML 135Page - Microsemi Corporation AFS090 Datasheet HTML 136Page - Microsemi Corporation AFS090 Datasheet HTML 137Page - Microsemi Corporation AFS090 Datasheet HTML 138Page - Microsemi Corporation AFS090 Datasheet HTML 139Page - Microsemi Corporation AFS090 Datasheet HTML 140Page - Microsemi Corporation AFS090 Datasheet HTML 141Page - Microsemi Corporation AFS090 Datasheet HTML 142Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 334 page
background image
Device Architecture
2- 12 2
R e v isio n 2
Table 2-50 • ADC Characteristics in Direct Input Mode
Commercial Temperature Range Conditions, TJ = 85°C (unless noted otherwise),
Typical: VCC33A = 3.3 V, VCC = 1.5 V
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Direct Input using Analog Pad AV, AC, AT
VINADC
Input Voltage (Direct Input)
Refer to Table 3-2 on
page 3-3
CINADC
Input Capacitance
Channel not selected
7
pF
Channel selected but not
sampling
8pF
Channel selected and
sampling
18
pF
ZINADC
Input Impedance
8-bit mode
2
k
Ω
10-bit mode
2
k
Ω
12-bit mode
2
k
Ω
Analog Reference Voltage VAREF
VAREF
Accuracy
TJ = 25°C
2.537
2.56
2.583
V
Temperature Drift of
Internal Reference
65
ppm / °C
External Reference
2.527
VCC33A + 0.05
V
ADC Accuracy (using external reference) 1,2
DC Accuracy
TUE
Total Unadjusted Error
8-bit mode
0.29
LSB
10-bit mode
0.72
LSB
12-bit mode
1.8
LSB
INL
Integral Non-Linearity
8-bit mode
0.20
0.25
LSB
10-bit mode
0.32
0.43
LSB
12-bit mode
1.71
1.80
LSB
DNL
Differential Non-Linearity
(no missing code)
8-bit mode
0.20
0.24
LSB
10-bit mode
0.60
0.65
LSB
12-bit mode
2.40
2.48
LSB
Offset Error
8-bit mode
0.01
0.17
LSB
10-bit mode
0.05
0.20
LSB
12-bit mode
0.20
0.40
LSB
Gain Error
8-bit mode
0.0004
0.003
LSB
10-bit mode
0.002
0.011
LSB
12-bit mode
0.007
0.044
LSB
Gain Error (with internal
reference)
All modes
2
% FSR
Notes:
1. Accuracy of the external reference is 2.56 V ± 4.6 mV.
2. Data is based on characterization.
3. The sample rate is time-shared among active analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com