Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 140 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 140 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 136Page - Microsemi Corporation AFS090 Datasheet HTML 137Page - Microsemi Corporation AFS090 Datasheet HTML 138Page - Microsemi Corporation AFS090 Datasheet HTML 139Page - Microsemi Corporation AFS090 Datasheet HTML 140Page - Microsemi Corporation AFS090 Datasheet HTML 141Page - Microsemi Corporation AFS090 Datasheet HTML 142Page - Microsemi Corporation AFS090 Datasheet HTML 143Page - Microsemi Corporation AFS090 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 334 page
background image
Device Architecture
2- 12 4
R e v isio n 2
Table 2-51 • Uncalibrated Analog Channel Accuracy*
Worst-Case Industrial Conditions, TJ = 85°C
Total Channel
Error (LSB)
Channel Input Offset
Error (LSB)
Channel Input Offset
Error (mV)
Channel Gain Error
(%FSR)
Analog
Pad
Prescaler
Range (V)
Neg.
Max. Med.
Pos.
Max.
Neg
Max
Med.
Pos.
Max.
Neg.
Max.
Med.
Pos.
Max.
Min.
Typ.
Max.
Positive Range
ADC in 10-Bit Mode
AV, AC
16
–22
–2
12
–11
–2
14
–169
–32
224
3
0
–3
8
–40
–5
17
–11
–5
21
–87
–40
166
2
0
–4
4
–45
–9
24
–16
–11
36
–63
–43
144
2
0
–4
2
–70
–19
33
–33
–20
66
–66
–39
131
2
0
–4
1
–25
–7
5
–11
–3
26
–11
–3
26
3
–1
–3
0.5
–41
–12
8
–12
–7
38
–6
–4
19
3
–1
–3
0.25
–53
–14
19
–20
–14
40
–5
–3
10
5
0
–4
0.125
–89
–29
24
–40
–28
88
–5
–4
11
7
0
–5
AT
16
–3
9
15
–4
0
4
–64
5
64
1
0
–1
4
–10
2
15
–11
–2
11
–44
–8
44
1
0
–1
Negative Range
ADC in 10-Bit Mode
AV, AC
16
–35
–10
9
–24
–6
9
–383
–96
148
5
–1
–6
8
–65
–19
12
–34
–12
9
–268
–99
75
5
–1
–5
4
–86
–28
21
–64
–24
19
–254
–96
76
5
–1
–6
2
–136
–53
37
–115
–42
39
–230
–83
78
6
–2
–7
1
–98
–35
8
–39
–8
15
–39
–8
15
10
–3
–10
0.5
–121
–46
7
–54
–14
18
–27
–7
9
10
–4
–11
0.25
–149
–49
19
–72
–16
40
–18
–4
10
14
–4
–12
0.125
–188
–67
38
–112
–27
56
–14
–3
7
16
–5
–14
Note:
*Channel Accuracy includes prescaler and ADC accuracies. For 12-bit mode, multiply the LSB count by 4. For
8-bit mode, divide the LSB count by 4. Gain remains the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com