Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 144 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 144 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 140Page - Microsemi Corporation AFS090 Datasheet HTML 141Page - Microsemi Corporation AFS090 Datasheet HTML 142Page - Microsemi Corporation AFS090 Datasheet HTML 143Page - Microsemi Corporation AFS090 Datasheet HTML 144Page - Microsemi Corporation AFS090 Datasheet HTML 145Page - Microsemi Corporation AFS090 Datasheet HTML 146Page - Microsemi Corporation AFS090 Datasheet HTML 147Page - Microsemi Corporation AFS090 Datasheet HTML 148Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 334 page
background image
Device Architecture
2- 12 8
R e v isio n 2
Analog Configuration MUX
The ACM is the interface between the FPGA, the Analog Block configurations, and the real-time counter.
Microsemi Libero IDE will generate IP that will load and configure the Analog Block via the ACM.
However, users are not limited to using the Libero IDE IP. This section provides a detailed description of
the ACM's register map, truth tables for proper configuration of the Analog Block and RTC, as well as
timing waveforms so users can access and control the ACM directly from their designs.
The Analog Block contains four 8-bit latches per Analog Quad that are initialized through the ACM.
These latches act as configuration bits for Analog Quads. The ACM block runs from the core voltage
supply (1.5 V).
Access to the ACM is achieved via 8-bit address and data busses with enables. The pin list is provided in
Table 2-36 on page 2-80. The ACM clock speed is limited to a maximum of 10 MHz, more than sufficient
to handle the low-bandwidth requirements of configuring the Analog Block and the RTC (sub-block of the
Analog Block).
Table 2-54 decodes the ACM address space and maps it to the corresponding Analog Quad and
configuration byte for that quad.
Table 2-54 • ACM Address Decode Table for Analog Quad
ACMADDR [7:0] in
Decimal
Name
Description
Associated
Peripheral
0
–
–
Analog Quad
1
AQ0
Byte 0
Analog Quad
2
AQ0
Byte 1
Analog Quad
3
AQ0
Byte 2
Analog Quad
4
AQ0
Byte 3
Analog Quad
5
AQ1
Byte 0
Analog Quad
.
.
.
.
.
.
.
.
.
Analog Quad
36
AQ8
Byte 3
Analog Quad
37
AQ9
Byte 0
Analog Quad
38
AQ9
Byte 1
Analog Quad
39
AQ9
Byte 2
Analog Quad
40
AQ9
Byte 3
Analog Quad
41
Undefined
Analog Quad
.
.
.
.
.
.
Undefined
Analog Quad
63
Undefined
RTC
64
COUNTER0
Counter bits 7:0
RTC
65
COUNTER1
Counter bits 15:8
RTC
66
COUNTER2
Counter bits 23:16
RTC
67
COUNTER3
Counter bits 31:24
RTC
68
COUNTER4
Counter bits 39:32
RTC
72
MATCHREG0
Match register bits 7:0
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com