Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 147 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 147 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 143Page - Microsemi Corporation AFS090 Datasheet HTML 144Page - Microsemi Corporation AFS090 Datasheet HTML 145Page - Microsemi Corporation AFS090 Datasheet HTML 146Page - Microsemi Corporation AFS090 Datasheet HTML 147Page - Microsemi Corporation AFS090 Datasheet HTML 148Page - Microsemi Corporation AFS090 Datasheet HTML 149Page - Microsemi Corporation AFS090 Datasheet HTML 150Page - Microsemi Corporation AFS090 Datasheet HTML 151Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 131
Analog Quad ACM Description
Table 2-56 maps out the ACM space associated with configuration of the Analog Quads within the
Analog Block. Table 2-56 shows the byte assignment within each quad and the function of each bit within
each byte. Subsequent tables will explain each bit setting and how it corresponds to a particular
configuration. After 3.3 V and 1.5 V are applied to Fusion, Analog Quad configuration registers are
loaded with default settings until the initialization and configuration state machine changes them to user-
defined settings.
Table 2-56 • Analog Quad ACM Byte Assignment
Byte
Bit
Signal (Bx)
Function
Default Setting
Byte 0
(AV)
0
B0[0]
Scaling factor control – prescaler
Highest voltage range
1
B0[1]
2
B0[2]
3
B0[3]
Analog MUX select
Prescaler
4
B0[4]
Current monitor switch
Off
5
B0[5]
Direct analog input switch
Off
6
B0[6]
Selects V-pad polarity
Positive
7
B0[7]
Prescaler op amp mode
Power-down
Byte 1
(AC)
0
B1[0]
Scaling factor control – prescaler
Highest voltage range
1
B1[1]
2
B1[2]
3
B1[3]
Analog MUX select
Prescaler
4
B1[4]
5
B1[5]
Direct analog input switch
Off
6
B1[6]
Selects C-pad polarity
Positive
7
B1[7]
Prescaler op amp mode
Power-down
Byte 2
(AG)
0
B2[0]
Internal chip temperature monitor * Off
1
B2[1]
Spare
–
2
B2[2]
Current drive control
Lowest current
3
B2[3]
4
B2[4]
Spare
–
5
B2[5]
Spare
–
6
B2[6]
Selects G-pad polarity
Positive
7
B2[7]
Selects low/high drive
Low drive
Byte 3
(AT)
0
B3[0]
Scaling factor control – prescaler
Highest voltage range
1
B3[1]
2
B3[2]
3
B3[3]
Analog MUX select
Prescaler
4
B3[4]
5
B3[5]
Direct analog input switch
Off
6
B3[6]
–
–
7
B3[7]
Prescaler op amp mode
Power-down
Note:
*For the internal temperature monitor to function, Bit 0 of Byte 2 for all 10 Quads must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com