Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 146 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 146 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 142Page - Microsemi Corporation AFS090 Datasheet HTML 143Page - Microsemi Corporation AFS090 Datasheet HTML 144Page - Microsemi Corporation AFS090 Datasheet HTML 145Page - Microsemi Corporation AFS090 Datasheet HTML 146Page - Microsemi Corporation AFS090 Datasheet HTML 147Page - Microsemi Corporation AFS090 Datasheet HTML 148Page - Microsemi Corporation AFS090 Datasheet HTML 149Page - Microsemi Corporation AFS090 Datasheet HTML 150Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 334 page
background image
Device Architecture
2- 13 0
R e v isio n 2
Timing Characteristics
Table 2-55 • Analog Configuration Multiplexer (ACM) Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tCLKQACM
Clock-to-Q of the ACM
19.73
22.48
26.42
ns
tSUDACM
Data Setup time for the ACM
4.39
5.00
5.88
ns
tHDACM
Data Hold time for the ACM
0.00
0.00
0.00
ns
tSUAACM
Address Setup time for the ACM
4.73
5.38
6.33
ns
tHAACM
Address Hold time for the ACM
0.00
0.00
0.00
ns
tSUEACM
Enable Setup time for the ACM
3.93
4.48
5.27
ns
tHEACM
Enable Hold time for the ACM
0.00
0.00
0.00
ns
tMPWARACM
Asynchronous Reset Minimum Pulse Width for the
ACM
10.00
10.00
10.00
ns
tREMARACM
Asynchronous Reset Removal time for the ACM
12.98
14.79
17.38
ns
tRECARACM
Asynchronous Reset Recovery time for the ACM
12.98
14.79
17.38
ns
tMPWCLKACM
Clock Minimum Pulse Width for the ACM
45.00
45.00
45.00
ns
tFMAXCLKACM
lock Maximum Frequency for the ACM
10.00
10.00
10.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com