Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 174 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 174 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 170Page - Microsemi Corporation AFS090 Datasheet HTML 171Page - Microsemi Corporation AFS090 Datasheet HTML 172Page - Microsemi Corporation AFS090 Datasheet HTML 173Page - Microsemi Corporation AFS090 Datasheet HTML 174Page - Microsemi Corporation AFS090 Datasheet HTML 175Page - Microsemi Corporation AFS090 Datasheet HTML 176Page - Microsemi Corporation AFS090 Datasheet HTML 177Page - Microsemi Corporation AFS090 Datasheet HTML 178Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 334 page
background image
Device Architecture
2- 15 8
R e v isio n 2
I/O Software Support
In the Fusion development software, default settings have been defined for the various I/O standards
supported. Changes can be made to the default settings via the use of attributes; however, not all I/O
attributes are applicable for all I/O standards. Table 2-84 and Table 2-85 list the valid I/O attributes that
can be manipulated by the user for each I/O standard.
Single-ended I/O standards in Fusion support up to five different drive strengths.
Table 2-84 • Fusion Standard and Advanced I/O Attributes vs. I/O Standard Applications
I/O Standards
SLEW
(output
only)
OUT_DRIVE
(output only)
SKEW
(all macros
with OE)*
RES_PULL
OUT_LOAD
(output only) COMBINE_REGISTER
LVTTL/LVCMOS 3.3 V
✓✓
✓
✓
✓
✓
LVCMOS 2.5 V
✓✓
✓
✓
✓
✓
LVCMOS 2.5/5.0 V
✓✓
✓
✓
✓
✓
LVCMOS 1.8 V
✓✓
✓
✓
✓
✓
LVCMOS 1.5 V
✓✓
✓
✓
✓
✓
PCI (3.3 V)
✓✓
✓
PCI-X (3.3 V)
✓✓
✓
✓
LVDS, BLVDS, M-LVDS
✓✓
LVPECL
✓
Note:
*This feature does not apply to the standard I/O banks, which are the north I/O banks of AFS090 and AFS250
devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com