Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 176 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 176 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 172Page - Microsemi Corporation AFS090 Datasheet HTML 173Page - Microsemi Corporation AFS090 Datasheet HTML 174Page - Microsemi Corporation AFS090 Datasheet HTML 175Page - Microsemi Corporation AFS090 Datasheet HTML 176Page - Microsemi Corporation AFS090 Datasheet HTML 177Page - Microsemi Corporation AFS090 Datasheet HTML 178Page - Microsemi Corporation AFS090 Datasheet HTML 179Page - Microsemi Corporation AFS090 Datasheet HTML 180Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 334 page
background image
Device Architecture
2- 16 0
R e v isio n 2
User I/O Naming Convention
Due to the comprehensive and flexible nature of Fusion device user I/Os, a naming scheme is used to
show the details of the I/O (Figure 2-111 on page 2-160 and Figure 2-112 on page 2-161). The name
identifies to which I/O bank it belongs, as well as the pairing and pin polarity for differential I/Os.
I/O Nomenclature
= Gmn/IOuxwByVz
Gmn is only used for I/Os that also have CCC access—i.e., global pins.
G
= Global
m
= Global pin location associated with each CCC on the device: A (northwest corner), B (northeast corner), C
(east middle), D (southeast corner), E (southwest corner), and F (west middle).
n
= Global input MUX and pin number of the associated Global location m, either A0, A1, A2, B0, B1, B2, C0, C1,
or C2. Figure 2-22 on page 2-27 shows the three input pins per clock source MUX at CCC location m.
u
= I/O pair number in the bank, starting at 00 from the northwest I/O bank and proceeding in a clockwise
direction.
x
= P (Positive) or N (Negative) for differential pairs, or R (Regular – single-ended) for the I/Os that support single-
ended and voltage-referenced I/O standards only. U (Positive-LVDS only) or V (Negative-LVDS only) restrict
the I/O differential pair from being selected as an LVPECL pair.
w
= D (Differential Pair), P (Pair), or S (Single-Ended). D (Differential Pair) if both members of the pair are bonded
out to adjacent pins or are separated only by one GND or NC pin; P (Pair) if both members of the pair are
bonded out but do not meet the adjacency requirement; or S (Single-Ended) if the I/O pair is not bonded out.
For Differential (D) pairs, adjacency for ball grid packages means only vertical or horizontal. Diagonal
adjacency does not meet the requirements for a true differential pair.
B
= Bank
y
= Bank number (0–3). The Bank number starts at 0 from the northwest I/O bank and proceeds in a clockwise
direction.
V
= Reference voltage
z
= Minibank number
Figure 2-111 • Naming Conventions of Fusion Devices with Three Digital I/O Banks
CCC
"A"
CCC
"E"
CCC/PLL
"F"
CCC
"B"
CCC
"D"
CCC
"C"
AFS090
Standard I/O Bank
Analog Quads
AFS250
Bank 3
Bank 3
Bank 1
Bank 1
Bank 2 (analog)
Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com