Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 117Page - Microsemi Corporation AFS600 Datasheet HTML 118Page - Microsemi Corporation AFS600 Datasheet HTML 119Page - Microsemi Corporation AFS600 Datasheet HTML 120Page - Microsemi Corporation AFS600 Datasheet HTML 121Page - Microsemi Corporation AFS600 Datasheet HTML 122Page - Microsemi Corporation AFS600 Datasheet HTML 123Page - Microsemi Corporation AFS600 Datasheet HTML 124Page - Microsemi Corporation AFS600 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 105
Resolution
ADC resolution is the number of bits used to represent an analog input signal. To more accurately
replicate the analog signal, resolution needs to be increased.
Sampling Rate
Sampling rate or sample frequency, specified in samples per second (sps), is the rate at which an ADC
acquires (samples) the analog input.
SNR – Signal-to-Noise Ratio
SNR is the ratio of the amplitude of the desired signal to the amplitude of the noise signals at a given
point in time. For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR
(EQ 14) is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual
error). The ideal, theoretical minimum ADC noise is caused by quantization error only and results directly
from the ADC’s resolution (N bits):
EQ 14
SINAD – Signal-to-Noise and Distortion
SINAD is the ratio of the rms amplitude to the mean value of the root-sum-square of the all other spectral
components, including harmonics, but excluding DC. SINAD is a good indication of the overall dynamic
performance of an ADC because it includes all components which make up noise and distortion.
Total Harmonic Distortion
THD measures the distortion content of a signal, and is specified in decibels relative to the carrier (dBc).
THD is the ratio of the RMS sum of the selected harmonics of the input signal to the fundamental itself.
Only harmonics within the Nyquist limit are included in the measurement.
Figure 2-84 • Offset Error
Input Voltage to Prescaler
Ideal Output
Offset Error = 1.5 LSB
Actual Output
0...00
0...01
SNRdB[MAX]
6.02dB N 1.76dB
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com