Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 119Page - Microsemi Corporation AFS600 Datasheet HTML 120Page - Microsemi Corporation AFS600 Datasheet HTML 121Page - Microsemi Corporation AFS600 Datasheet HTML 122Page - Microsemi Corporation AFS600 Datasheet HTML 123Page - Microsemi Corporation AFS600 Datasheet HTML 124Page - Microsemi Corporation AFS600 Datasheet HTML 125Page - Microsemi Corporation AFS600 Datasheet HTML 126Page - Microsemi Corporation AFS600 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 107
ADC Input Multiplexer
At the input to the Fusion ADC is a 32:1 multiplexer. Of the 32 input channels, up to 30 are user
definable. Two of these channels are hardwired internally. Channel 31 connects to an internal
temperature diode so the temperature of the Fusion device itself can be monitored. Channel 0 is wired to
the FPGA’s 1.5 V VCC supply, enabling the Fusion device to monitor its own power supply. Doing this
internally makes it unnecessary to use an analog I/O to support these functions. The balance of the MUX
inputs are connected to Analog Quads (see the "Analog Quad" section on page 2-82). Table 2-40 defines
which Analog Quad inputs are associated with which specific analog MUX channels. The number of
Analog Quads present is device-dependent; refer to the family list in the "Fusion Family" table on page I
of this datasheet for the number of quads per device. Regardless of the number of quads populated in a
device, the internal connections to both VCC and the internal temperature diode remain on Channels 0
and 31, respectively. To sample the internal temperature monitor, it must be strobed (similar to the AT
pads). The TMSTBINT pin on the Analog Block macro is the control for strobing the internal temperature
measurement diode.
To determine which channel is selected for conversion, there is a five-pin interface on the Analog Block,
CHNUMBER[4:0], defined in Table 2-39.
Table 2-40 shows the correlation between the analog MUX input channels and the analog input pins.
Table 2-39 • Channel Selection
Channel Number
CHNUMBER[4:0]
0
00000
1
00001
2
00010
3
00011
.
.
.
.
.
.
30
11110
31
11111
Table 2-40 • Analog MUX Channels
Analog MUX Channel
Signal
Analog Quad Number
0
Vcc_analog
1
AV0
Analog Quad 0
2AC0
3AT0
4
AV1
Analog Quad 1
5AC1
6AT1
7
AV2
Analog Quad 2
8AC2
9AT2
10
AV3
Analog Quad 3
11
AC3
12
AT3
13
AV4
Analog Quad 4
14
AC4
15
AT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com