Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 120Page - Microsemi Corporation AFS600 Datasheet HTML 121Page - Microsemi Corporation AFS600 Datasheet HTML 122Page - Microsemi Corporation AFS600 Datasheet HTML 123Page - Microsemi Corporation AFS600 Datasheet HTML 124Page - Microsemi Corporation AFS600 Datasheet HTML 125Page - Microsemi Corporation AFS600 Datasheet HTML 126Page - Microsemi Corporation AFS600 Datasheet HTML 127Page - Microsemi Corporation AFS600 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 334 page
background image
Device Architecture
2- 10 8
R e v isio n 2
The ADC can be powered down independently of the FPGA core, as an additional control or for power-
saving considerations, via the PWRDWN pin of the Analog Block. The PWRDWN pin controls only the
comparators in the ADC.
ADC Modes
The Fusion ADC can be configured to operate in 8-, 10-, or 12-bit modes, power-down after conversion,
and dynamic calibration. This is controlled by MODE[3:0], as defined in Table 2-41 on page 2-108.
The output of the ADC is the RESULT[11:0] signal. In 8-bit mode, the Most Significant 8 Bits
RESULT[11:4] are used as the ADC value and the Least Significant 4 Bits RESULT[3:0] are logical '0's.
In 10-bit mode, RESULT[11:2] are used the ADC value and RESULT[1:0] are logical 0s.
Integrated Voltage Reference
The Fusion device has an integrated on-chip 2.56 V reference voltage for the ADC. The value of this
reference voltage was chosen to make the prescaling and postscaling factors for the prescaler blocks
change in a binary fashion. However, if desired, an external reference voltage of up to 3.3 V can be
16
AV5
Analog Quad 5
17
AC5
18
AT5
19
AV6
Analog Quad 6
20
AC6
21
AT6
22
AV7
Analog Quad 7
23
AC7
24
AT7
25
AV8
Analog Quad 8
26
AC8
27
AT8
28
AV9
Analog Quad 9
29
AC9
30
AT9
31
Internal temperature
monitor
Table 2-41 • Mode Bits Function
Name
Bits
Function
MODE
3
0 – Internal calibration after every conversion; two ADCCLK cycles are used
after the conversion.
1 – No calibration after every conversion
MODE
2
0 – Power-down after conversion
1 – No Power-down after conversion
MODE
1:0
00 – 10-bit
01 – 12-bit
10 – 8-bit
11 – Unused
Table 2-40 • Analog MUX Channels (continued)
Analog MUX Channel
Signal
Analog Quad Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com