Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 126 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 126 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 122Page - Microsemi Corporation AFS600 Datasheet HTML 123Page - Microsemi Corporation AFS600 Datasheet HTML 124Page - Microsemi Corporation AFS600 Datasheet HTML 125Page - Microsemi Corporation AFS600 Datasheet HTML 126Page - Microsemi Corporation AFS600 Datasheet HTML 127Page - Microsemi Corporation AFS600 Datasheet HTML 128Page - Microsemi Corporation AFS600 Datasheet HTML 129Page - Microsemi Corporation AFS600 Datasheet HTML 130Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 334 page
background image
Device Architecture
2- 11 0
R e v isio n 2
along with the use of the active bipolar prescaler, current monitor, or temperature monitor, the minimum
sample time(s) for each must be obeyed. EQ 19 can be used to determine the appropriate value of STC.
You can calculate the minimum actual acquisition time by using EQ 16:
VOUT = VIN(1 – e–t/RC)
EQ 16
For 0.5 LSB gain error, VOUT should be replaced with (VIN –(0.5 × LSB Value)):
(VIN – 0.5 × LSB Value) = VIN(1 – e–t/RC)
EQ 17
where VIN is the ADC reference voltage (VREF)
Solving EQ 17:
t = RC x ln (VIN / (0.5 x LSB Value))
EQ 18
where R = ZINAD + RSOURCE and C = CINAD.
Calculate the value of STC by using EQ 19.
tSAMPLE = (2 + STC) x (1 / ADCCLK) or tSAMPLE = (2 + STC) x (ADC Clock Period)
EQ 19
where ADCCLK = ADC clock frequency in MHz.
tSAMPLE = 0.449 µs from bit resolution in Table 2-44.
ADC Clock frequency = 10 MHz or a 100 ns period.
STC = (tSAMPLE / (1 / 10 MHz)) – 2 = 4.49 – 2 = 2.49.
You must round up to 3 to accommodate the minimum sample time.
Sample Phase
A conversion is performed in three phases. In the first phase, the analog input voltage is sampled on the
input capacitor. This phase is called sample phase. During the sample phase, the output signals BUSY
and SAMPLE change from '0' to '1', indicating the ADC is busy and sampling the analog signal. The
sample time can be controlled by input signals STC[7:0]. The sample time can be calculated by EQ 20.
When controlling the sample time for the ADC along with the use of Prescaler or Current Monitor or
Temperature Monitor, the minimum sample time for each must be obeyed. Refer to Table 2-46 on
page 2-111 and the "Acquisition Time or Sample Time Control" section on page 2-109
EQ 20
STC: Sample Time Control value (0–255)
tSAMPLE is the sample time
Table 2-44 • Acquisition Time Example with VAREF = 2.56 V
VIN = 2.56V, R = 4K (RSOURCE ~ 0), C = 18 pF
Resolution
LSB Value (mV)
Min. Sample/Hold Time for 0.5 LSB (µs)
8
10
0.449
10
2.5
0.549
12
0.625
0.649
Table 2-45 • Acquisition Time Example with VAREF = 3.3 V
VIN = 3.3V, R = 4K (RSOURCE ~ 0), C = 18 pF
Resolution
LSB Value (mV)
Min. Sample/Hold time for 0.5 LSB (µs)
8
12.891
0.449
10
3.223
0.549
12
0.806
0.649
tsample
2STC
+
() t
ADCCLK
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com