Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ310 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BUZ310
Description  SIPMOS Power Transistor (N channel Enhancement mode)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ310 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUZ310 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ310 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 310
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 310
1000 V
2.5 A
5
Ω
TO-218 AA
C67078-A3101-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
1000
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
1000
Continuous drain current
TC = 25 °C
ID
2.5
A
Pulsed drain current
TC = 25 °C
IDpuls
10
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
78
W
Operating temperature
Tj
-55 ... ...+ 150 °C
Storage temperature
Tstg
-55 ... ...+ 150
Thermal resistance, chip case
RthJC
≤ 1.6
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
C
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Similar Part No. - BUZ310

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ310 ISC-BUZ310 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - BUZ310

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
BUZ380 SIEMENS-BUZ380 Datasheet
152Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com