Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M521 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M521
Description  Positive Voltage Control of GaAs MMIC Control Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M521 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M521 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Positive Voltage Control of
GaAs MMIC Control Devices
Rev. V3
Application Note
M521
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
2
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
SW-239 with +5 V Supply
Figure 2b.
Positive Voltage Control Configuration
of the SW-239
Applications
This type of voltage floating technique can be used
in most control component applications. A typical
switch and digital attenuator application are pre-
sented in Figure 2. Each application is similar in
that the source of the FET’s are biased at +5 V and
the gates can be controlled by 0 and +5 V.
In all cases, the ground pins which have a source
connection must be AC coupled with the shortest
possible path to ground.
The AT-210 is shown as an example of a digital
attenuator which is floated. Pins 10 through 15 are
normally grounded, but in this case are floated to
the +5 V supply and AC coupled to ground. One of
the RF connections must also be tied to +5 V to
ensure the source of the series FET’s are floated.
As mentioned above, all efforts to minimize induc-
tance to ground must be taken to ensure the full
attenuation range of the device. A truth table for
the digital attenuator in the floated configuration is
shown in Table 1.
Attn
(dB)
VC4 VC4 VC3 VC3 VC2 VC2 VC1 VC1
0
1
0
1
0
1
0
1
Ref.
1
0
0
1
0
1
0
1
1
0
1
1
0
0
1
0
1
2
1
0
1
0
0
1
0
1
3
0
1
0
1
1
0
0
1
4
1
0
0
1
1
0
0
1
5
0
1
1
0
1
0
0
1
6
1
0
1
0
1
0
0
1
7
0
1
0
1
0
1
1
0
8
1
0
0
1
0
1
1
0
9
0
1
1
0
0
1
1
0
10
1
0
1
0
0
1
1
0
11
0
1
0
1
1
0
1
0
12
1
0
0
1
1
0
1
0
13
0
1
1
0
1
0
1
0
14
1
0
1
0
1
0
1
0
15
Control Inputs
Table 1.
AT-210 Truth Table (+5 V Control)
The SW-239 is shown as an example of a SPDT
switch which is floated using this technique. Pins
2, 7, and 8 are normally ground and must be
floated with +5 V as well as being AC coupled to
ground. A +5 V supply is also required at the RF
common to ensure that the source of the series
FET’s are floated. The resistors R1 and R3 will
result in slower switching speed, but will minimize
coupling of RF signals along the +5 V line. A truth
table for this device in the floated configuration is
given in Table 2.
Control A
Control B
RF1
RF2
0 V
+5 V
ON
OFF
+5 V
0 V
OFF
ON
Table 2.
SW-239 Truth Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com