Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M521 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M521
Description  Positive Voltage Control of GaAs MMIC Control Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M521 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M521 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Positive Voltage Control of
GaAs MMIC Control Devices
Rev. V3
Application Note
M521
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Discussion
GaAs control devices have seen a tremendous
growth in recent years with M/A-COM being the
market leader in this area. The fact that these de-
vices are negative voltage controlled devices has
precluded the use of standard low cost CMOS driv-
ers and has forced users to develop hybrid driver
circuits to accomplish the driver function. This ap-
plication note discusses a configuration which al-
lows the user to drive GaAs control devices with
standard CMOS logic gates. Although specific ex-
amples are presented, this application is generic
and can be applied to any GaAs control device.
Design Approach
Since the GaAs FET requires a 0 V to -5 V relative
voltage between the source and the gate, an alter-
native to using negative control voltage is to ele-
vate or float the DC voltage at the source of the
FET to +5 V and use a 0 V to +5 V control voltage.
This would produce the required voltage differential
between the source and gate to 0 V and -5 V. In
many circuit applications, the source of the FET’s
are required to be RF ground. This grounding is
very critical to circuit performance requiring the 5 V
supply which is applied to the source be AC cou-
pled to ground. Figure 1 shows a typical schematic
of this topology for a single bit of a digital attenu-
ator.
Figure 1.
Positive Voltage Control Configuration of a
Single Attenuator Bit
Design Considerations
One area of concern in RF design is the adequate
grounding of the devices. If good ground is not
maintained, the performance of the device at the
higher attenuation / isolation states will be de-
graded and will not meet the expected specifica-
tion. When floating the source of a FET which is
required to have a ground connection, the quality of
the AC coupling capacitor and the PCB layout be-
comes extremely critical. The coupling capacitor
must be a high-Q capacitor such as the ATC100A
series supplied by American Technical Ceramics or
equivalent. For operation at lower frequencies a
higher value of capacitor must be chosen. Any
increase in inductance or path length will degrade
the performance of the device so the designer must
exercise good judgment in the placement of com-
ponents and the number of via holes used to pick
up ground. The best solution would be to utilize a
coplanar layout where the AC coupling capacitor
can be soldered directly to ground. If a microstrip
layout is used, the designer must use as many via
holes as possible and place them in very close
proximity to the capacitor.
AT-210 with +5 V Supply
Figure 2a.
Positive Voltage Control Configuration
of the AT-210


Similar Part No. - M521

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
M5210 MECHATRONICS-M5210 Datasheet
450Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210E ETC2-M5210E Datasheet
450Kb / 1P
DC AXIAL FANS
logo
Mechatronics, Inc.
M5210E MECHATRONICS-M5210E Datasheet
450Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210H ETC2-M5210H Datasheet
450Kb / 1P
DC AXIAL FANS
logo
Mechatronics, Inc.
M5210H MECHATRONICS-M5210H Datasheet
450Kb / 1P
UL94V-0 PBT impeller & frame
More results

Similar Description - M521

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC427LP3 HITTITE-HMC427LP3 Datasheet
207Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Bourns Electronic Solut...
FVC BOURNS-FVC Datasheet
201Kb / 3P
Voltage Control Devices
logo
Hittite Microwave Corpo...
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com