Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC427LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC427LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC427LP3
Download  HMC427LP3 Download
File Size   207.24 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz

HMC427LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC427LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC427LP3
Download  HMC427LP3 Click to download

File Size   207.24 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz

HMC427LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC427LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC427LP3 HITTITE-HMC427LP3 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC427LP3E HITTITE-HMC427LP3E Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
More results


Similar Description - HMC427LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC321LP4 HITTITE-HMC321LP4 Datasheet
253Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC321LP4 HITTITE-HMC321LP4_06 Datasheet
347Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com