Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC427LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC427LP3
Description  GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC427LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC427LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
14 - 242
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC427LP3
GaAs MMIC POSITIVE CONTROL
TRANSFER SWITCH, DC* - 8.0 GHz
v05.0604
General Description
Features
Functional Diagram
The HMC427LP3 is a low loss broadband posi-
tive control transfer switch in a leadless surface
mount package. Covering DC to 8 GHz, this
switch offers high isolation and low insertion loss.
The switch operates using a positive control volt-
age of 0/+5V and requires a fixed bias of +5V @
< 20 µA.
High Isolation: 40 ~ 45 dB thru 6 GHz
Low Insertion Loss: 1.2 dB@ 6 GHz
Non-Reflective Design
3 mm x 3 mm x 1 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/+5V Control, 50 Ohm System
Typical Applications
The HMC427LP3 is ideal for:
• Test Instrumentation
• Fiber Optics & Broadband Telecom
• Basestation Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar, & ECM
* Blocking capacitors are required at ports RF1, 2, 3,
& 4. Their value will determine the lowest transmission
frequency.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 6.0 GHz
DC - 8.0 GHz
1.2
1.6
1.6
2.1
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
42
37
33
27
48
42
38
32
dB
dB
dB
dB
Return Loss
DC - 6.0 GHz
DC - 8.0 GHz
14
12
17
15
dB
dB
Input Power for 1 dB Compression
1.0 - 8.0 GHz
23
26
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
1.0 - 8.0 GHz
37
43
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
2
4
ns
ns


Similar Part No. - HMC427LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC427LP3 HITTITE-HMC427LP3 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC427LP3E HITTITE-HMC427LP3E Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
More results

Similar Description - HMC427LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC321LP4 HITTITE-HMC321LP4 Datasheet
253Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC321LP4 HITTITE-HMC321LP4_06 Datasheet
347Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com