Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC427LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC427LP3
Description  GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC427LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC427LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
14 - 246
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC427LP3
v05.0604
GaAs MMIC POSITIVE CONTROL
TRANSFER SWITCH, DC* - 8.0 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 4, 9, 12
RF4, RF1, RF3,
RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required.
2, 3, 5, 8, 10, 11, 13,
14, 16
N/C
This pin should be connected to PCB RF ground to maximize
isolation.
GND
Package bottom has exposed metal paddle that must be con-
nected to PCB RF ground.
6
CTRLA
See truth table and control voltage table.
7
CTRLB
See truth table and control voltage table.
15
VDD
Supply Voltage +5V ± 10%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com