Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC427LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC427LP3
Description  GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC427LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC427LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC427LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
14 - 244
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC427LP3
v05.0604
GaAs MMIC POSITIVE CONTROL
TRANSFER SWITCH, DC* - 8.0 GHz
Truth Table
Control Voltages
Bias Voltage & Current
Vdd Range = +5.0 Vdc ± 10 %
Vdd
(Vdc)
Idd (Typ.)
(µA)
Idd (Max.)
(µA)
+5.0
5
10
State
Bias Condition
Low
0 to +0.2 Vdc @ 5 µA Typical
High
Vdd ± 0.2 Vdc @ 5 µA Typical
Control Input
Signal Path State
AB
RF4 to
RF2
RF1 to
RF3
RF4 to
RF1
RF2 to
RF3
Low
High
On
On
Off
Off
High
Low
Off
Off
On
On



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com