Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M521 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M521
Description  Positive Voltage Control of GaAs MMIC Control Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M521 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M521 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M521 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Positive Voltage Control of
GaAs MMIC Control Devices
Rev. V3
Application Note
M521
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
3
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
The AT-250 is a VVA that can, similarly, be floated
for positive bias operation as shown in Figure 3.
AT-250
8765
4
3
2
1
Values:
C1-C4: 1000pF
R1-R2: 10 kΩ
A
C3
C1
RF1
R1
+5V
C2
RF2
C4
R2
+5V
Figure 3.
Positive Voltage Control Configuration
of the AT-250



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com