Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R2C3-AMQB-X Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 7383-R2C3-AMQB-X
Description  ?Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R2C3-AMQB-X Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  7383-R2C3-AMQB-X Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-01-21 08:15:09.0
Technical Data Sheet
7383/R2C3-AMQB/X
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 1 of 10
Device Number :
DLE-0000741
Prepared date:01-13-2009
Prepared : Flourix Chen
Features
˙Popular T-1 3/4 round package.
˙Choice of various viewing angles.
˙Available on tape and reel.
˙Reliable and robust.
˙ESD-withstand voltage: up to 4KV.
․The product itself will remain within RoHS compliant version.
Descriptions
˙The series is specially designed for
applications requiring higher
brightness.
˙The LED lamps are available with
different colors ,intensities, epoxy colors, etc.
Applications
˙Status indicators.
˙Commercial use.
˙Advertising Signs.
˙Back lighting.
Device Selection Guide
LED Part No.
Chip Mterial
Emitted Color
Lens Color
Stopper
7383/R2C3-AMQB
AlGaInP
Brilliant
Red
Water Clear
No
7383/R2C3-AMQB/P
AlGaInP
Brilliant
Red
Water Clear
Yes


Similar Part No. - 7383-R2C3-AMQB-X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-R5C3-APSB EVERLIGHT-7383-R5C3-APSB Datasheet
108Kb / 8P
Specially designed for applications
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
Popular T-1 3/4 round package.
06-01-2009
More results

Similar Description - 7383-R2C3-AMQB-X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
Popular T-1 3/4 round package
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
Popular T-1 3/4 round package
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
Popular T-1 3/4 round package.
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
Popular T-1 3/4 round package.
06-01-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com