Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R2C3-AMQB-X Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 7383-R2C3-AMQB-X
Description  ?Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R2C3-AMQB-X Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 7383-R2C3-AMQB-X Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 9Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-01-21 08:15:09.0
Technical Data Sheet
7383/R2C3-AMQB/X
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 10 of 10
Device Number :
DLE-0000741
Prepared date:01-13-2009
Prepared : Flourix Chen
6. Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED
application. The current should be de-rated appropriately by referring to the de-rating curve
found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer to the
data sheet de-rating curve.
7. ESD (Electrostatic Discharge)
Electrostatic discharge (ESD) or surge current (EOS) can damage LEDs.
An ESD wrist strap, ESD shoe strap or antistatic gloves must be worn whenever handling LEDs.
All devices, equipment and machinery must be properly grounded.
Use ion
blower to neutralize the static charge which might have built up on surface of the LEDs
plastic lens as a result of friction between LEDs during storage and handing.
8. Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any
damage resulting from use of the product which does not comply with the absolute maximum
ratings and the instructions included in these specification sheets.
These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com