Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383-R2C3-AMQB-X Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 7383-R2C3-AMQB-X
Description  ?Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383-R2C3-AMQB-X Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  7383-R2C3-AMQB-X Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383-R2C3-AMQB-X Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-01-21 08:15:09.0
Technical Data Sheet
7383/R2C3-AMQB/X
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 2 of 10
Device Number :
DLE-0000741
Prepared date:01-13-2009
Prepared : Flourix Chen
Package Dimensions
Stopper type
No Stopper type
Notes:
˙All dimensions are in millimeters, tolerance is 0.25mm except being specified.
˙Lead spacing is measured where the lead emerges from the package.
˙Protruded resin under flange is 1.5mm Max LED.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com