Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE-734-R15 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # DLE-734-R15
Description  Popular T-1 3/4package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-734-R15 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  DLE-734-R15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1.0
Page: 3 of 5
Device Number : DLE-734-R15
Prepared date:2004/07/30
Prepared by: M.T CHANG
7343-2USRC/S1060
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
--
2.0
2.6
V
Reverse Current
IR
VR=5V
--
--
10
μA
Radiane Intensity
IV
IF=20mA
2500
4000
--
mcd
Viewing Angle
2θ1/2
IF=20mA
--
30
--
deg
Peak Wavelength
λp
IF=20mA
--
639
--
nm
Dominant Wavelength
λd
IF=20mA
--
631
--
nm
Spectrum Radiation
Bandwidth
△λ
IF=20mA
--
20
--
nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com