Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE-734-R15 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # DLE-734-R15
Description  Popular T-1 3/4package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-734-R15 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  DLE-734-R15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1.0
Page: 2 of 5
Device Number : DLE-734-R15
Prepared date:2004/07/30
Prepared by: M.T CHANG
7343-2USRC/S1060
Package Dimensions
Notes:
․All dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Lead spacing is measured where the lead emerges from the package.
․Protruded resin under flange is 1.5mm Max LED.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
50
mA
Pulse Forward Current(Duty 1/10 @ 1kHz)
*1
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
LED Junction Temperature
Tjmax
125
Electrostatic Discharge
ESD
2000
V
Soldering Temperature
*2
Tsol
260 ±5
Through-the-Wave Preheat Temperature
----
145
Power Dissipation
Pd
100
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com