Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE-734-R15 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # DLE-734-R15
Description  Popular T-1 3/4package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-734-R15 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  DLE-734-R15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-734-R15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1.0
Page: 4 of 5
Device Number : DLE-734-R15
Prepared date:2004/07/30
Prepared by: M.T CHANG
0
1020304050
0.0
0.5
1.0
1.5
2.0
2.5
Forward Current(mA)
25
30
35
40
45
50
55
60
65
70
0.0
0.5
1.0
1.5
2.0
Ambient Temperature Ta(
OC)
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
Forward Voltage(V)
0
20406080
100
0
10
20
30
40
50
60
Ambient Temperature Ta(
OC)
500
550
600
650
700
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
7343-2USRC/S1060
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Ambient Temp
Forward Current vs. Relative Intensity
Forward Current vs. Ambient Temp.
Radiation Characteristics
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5
Radiation Angle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com