Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RFCAFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F10RFCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFCAFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F10RFCAFP Datasheet HTML 34Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 35Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 36Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 37Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 38Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 39Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 40Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 41Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 38 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(3) During communication at same potential (CSI mode) (slave mode, SCKp... external clock input)
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
20 MHz < fMCK
8/fMCK
ns
4.0 V
≤ EVDD ≤
5.5 V
fMCK
≤ 20 MHz
6/fMCK
ns
16 MHz < fMCK
8/fMCK
ns
2.7 V
≤ EVDD <
4.0 V
fMCK
≤ 16 MHz
6/fMCK
ns
16 MHz < fMCK
8/fMCK
ns
1.8 V
≤ EVDD <
2.7 V
fMCK
≤ 16 MHz
6/fMCK
ns
SCKp cycle time
Note 5
tKCY2
1.6 V
≤ EVDD < 1.8 V
6/fMCK
ns
SCKp high-/low-level width
tKH2,
tKL2
1.6 V
≤ EVDD ≤ 5.5 V
tKCY2/2
ns
2.7 V
≤ EVDD ≤ 5.5 V
1/fMCK+20
ns
1.8 V
≤ EVDD < 2.7 V
1/fMCK+30
ns
SIp setup time
(to SCKp
↑) Note 1
tSIK2
1.6 V
≤ EVDD < 1.8 V
1/fMCK+40
ns
2.7 V
≤ EVDD ≤ 5.5 V
1/fMCK+31
ns
1.8 V
≤ EVDD < 2.7 V
1/fMCK+31
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI2
1.6 V
≤ EVDD < 1.8 V
1/fMCK+
250
ns
4.0 V
≤ EVDD ≤ 5.5 V
2/fMCK+44
ns
2.7 V
≤ EVDD < 4.0 V
2/fMCK+44
ns
2.4 V
≤ EVDD < 2.7 V
2/fMCK+75
ns
1.8 V
≤ EVDD < 2.4 V
2/fMCK+110
ns
Delay time from SCKp
↓ to
SOp output
Note 3
tKSO2
C = 30 pF
Note 4
1.6 V
≤ EVDD < 1.8 V
2/fMCK+
220
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The SIp setup time becomes “to
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The SIp hold time becomes “from
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SOp output lines.
5. Transfer rate in the SNOOZE mode : MAX. 1 Mbps
Caution
Select the TTL input buffer for the SIp pin and SCKp pin and the normal output mode for the SOp
pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks
1. p: CSI number (p = 00, 01), m: Unit number (m = 0),
n: Channel number (n = 0, 1), g: PIM number (g = 1)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 01))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com