Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RFCAFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10RFCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFCAFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10RFCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
RL78/L12
1. OUTLINE
Page 2 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
ROM, RAM capacities
RL78/L12
Flash
ROM
Data
flash
RAM
32 pins
44 pins
48 pins
52 pins
64 pins
32 KB
2 KB
1.5
KB
Note
R5F10RBC
R5F10RFC
R5F10RGC
R5F10RJC
R5F10RLC
16 KB
2 KB
1
KB
Note
R5F10RBA
R5F10RFA
R5F10RGA
R5F10RJA
R5F10RLA
8KB
2 KB
1
KB
Note
R5F10RB8
R5F10RF8
R5F10RG8
R5F10RJ8
−
Note
In the case of the 1 KB, and 1.5 KB, this is 630 bytes when the self-programming function and data flash
function is used.
Remark The functions mounted depend on the product. See 1.6 Outline of Functions.
1.2 Ordering Information
• Flash memory version (lead-free product)
Pin count
Package
Part Number
32 pins
32-pin plastic LQFP (7
× 7)
R5F10RB8AFP, R5F10RBAAFP, R5F10RBCAFP
44 pins
44-pin plastic LQFP (10
× 10)
R5F10RF8AFP, R5F10RFAAFP, R5F10RFCAFP
48 pins
48-pin plastic LQFP
(fine pitch) (7
× 7)
R5F10RG8AFB, R5F10RGAAFB, R5F10RGCAFB
52 pins
52-pin plastic LQFP (10
× 10)
R5F10RJ8AFA, R5F10RJAAFA, R5F10RJCAFA
64-pin plastic WQFN (8
× 8)
R5F10RLAANB, R5F10RLCANB
64-pin plastic LQFP (fine pitch)
(10
× 10)
R5F10RLAAFB, R5F10RLCAFB
64 pins
4-pin plastic LQFP (12
× 12)
R5F10RLAAFA, R5F10RLCAFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com