Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RFCAFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F10RFCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFCAFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F10RFCAFP Datasheet HTML 51Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 52Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 53Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 54Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 55Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 56Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 57Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 58Page - Renesas Technology Corp R5F10RFCAFP Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 55 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(2) When AVREF (+) = VDD (ADREFP1 = 0, ADREFP0 = 0), AVREF (−) = VSS (ADREFM = 0), target ANI pin : ANI0,
ANI1, ANI16 to ANI23
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V, Reference voltage (+) = VDD, Reference
voltage (
−) = VSS)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
1.8 V
≤ VDD ≤ 5.5 V
1.2
±7.0
LSB
Overall error
Notes 1, 2
AINL
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
1.2
±10.5
LSB
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
μs
1.8 V
≤ VDD ≤ 5.5 V
17
39
μs
Conversion time
tCONV
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
57
95
μs
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
±0.85
%FSR
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
±0.85
%FSR
1.8 V
≤ VDD ≤ 5.5 V
±4.0
LSB
Integral linearity error
Note 1
ILE
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
±6.5
LSB
1.8 V
≤ VDD ≤ 5.5 V
±2.0
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
1.6 V
≤ VDD ≤ 5.5 V
±2.5
LSB
ANI0, ANI1
0
VDD
V
VAIN
ANI16 to ANI23
0
EVDD
V
Analog input voltage
VBGR
Note3
2.4 V
≤ VDD ≤ 5.5 V
1.38
1.45
1.5
V
Notes 1. Excludes quantization error (
±1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. HS (high-speed main) mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com