Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89295U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89295U
Description  2.5V/3.3V 1.5GHz Precision LVPECL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89295U_11 Datasheet HTML 1Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 2Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 3Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 4Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 5Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 6Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 7Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 8Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
SY89295U
March 2011
5
M9999-032511
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
23, 25, 26, 27, 29,
30, 31, 32, 1, 2
D[9:0]
CMOS, ECL, or TTL Control Bits: These control signals adjust the delay from IN to Q. See
“AC Electrical Characteristics” for delay values. In addition, see “Interface Applications”
section which illustrates the proper interfacing techniques for different logic standards.
D[9:0] contains pull-downs and defaults LOW when left floating. D0 (LSB), and D9 (MSB).
See “Typical Operating Characteristics” for delay information.
3
D10
CMOS, ECL, or TTL Control Bit: This bit is used to cascade devices for an extended
delay range. In addition, it drives CASCADE, and /CASCADE. Further, D[10] contains a
pull-down and defaults LOW when left floating.
4, 5
IN, /IN
LVPECL/ECL Signal Input: Input signal to be delayed. IN contains a 75ký pull-down and
will default to a logic LOW if left floating.
6
VBB
(1)
Reference Voltage Output: When using a single-ended input signal source to IN or /IN,
connect the unused input of the differential pair to this pin. This pin can also be used to
re-bias AC-coupled inputs to IN and /IN. When used, de-couple to VCC using a 0.01µF
capacitor, otherwise leave floating if not used. Maximum sink/source is ±0.5mA.
Reference Voltage Output: Connect this pin to VCF when D[9:0], and D[10] is ECL..
Logic Standard
VCF Connects to:
LVPECL
VEF,
(1)
CMOS
No Connect
7
VEF
TTL
1.5V Source
8
VCF
Reference Voltage Input: The voltage driven on VCF sets the logic transition threshold for
D[9:0], and D[10].
9, 24, 28
GND,
Exposed Pad(2)
Negative Supply: For MLF
® package, exposed pad must be connected to a ground plane
that is the same potential as the ground pin.
10
LEN
ECL Control Input: When HIGH latches the D[9:0] and D[10] bits. When LOW, the D[9:0]
and D[10] latches are transparent.
11
SETMIN
ECL Control Input: When HIGH, D[9:0] registers are reset. When LOW, the delay is set by
SETMAX or D[9:0] and D[10]. SETMIN contains a pull-down and defaults LOW when left
floating.
12
SETMAX
ECL Control Input: When SETMAX is set HIGH and SETMIN is set LOW, D[9:0] =
1111111111. When SETMAX is LOW, the delay is set by SETMIN or D[9:0] and D[10].
SETMAX contains a pull-down and defaults LOW when left floating.
13, 18, 19, 22
VCC
Positive Power Supply: Bypass with 0.1µF and 0.01µF low ESR capacitors.
14, 15
/Cascade,
Cascade
LVPECL Differential Output: The outputs are used when cascading two or more
SY89295U to extend the delay range.
16
/EN
LVPECL Single-Ended Control Input: When LOW, Q is delayed from IN. When HIGH, Q is
a differential LOW. /EN contains a pull-down and defaults LOW when left floating.
20, 21
/Q, Q
LVPECL Differential Output: Q is a delayed version of IN. Always terminate the output
with 50Ω to VCC – 2V. See “Output Interface Applications” section.
17
NC
No Connect.
Notes:
1. Single-ended operation is only functional at 3.3V.
2. MLF
® package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com