Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89295U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89295U
Description  2.5V/3.3V 1.5GHz Precision LVPECL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89295U_11 Datasheet HTML 4Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 5Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 6Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 7Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 8Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 9Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 10Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 11Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micrel, Inc.
SY89295U
March 2011
8
M9999-032511
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics(7)
TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fMAX
Maximum Operating Frequency
Clock
VOUT ≥ 400mV
1.5
GHz
tpd
Propagation Delay
IN to Q; D[0–10]=0
IN to Q; D[0–10]=1023
/EN to Q: D[0–10]=0
D10 to CASCADE
3200
11500
3400
350
4200
14800
4400
670
ps
tRANGE
Programmable Range
tpd (max.) – tpd (min)
8300
ps
tSKEW
Duty Cycle Skew
tPHL – tPLH
Note 8
25
ps
Δt
Step Delay
D0 High
D1 High
D2 High
D3 High
D4 High
D5 High
D6 High
D7 High
D8 High
D9 High
D0-D9 High
10
15
35
70
145
290
575
1150
2300
4610
9220
ps
INL
Integral Non-Linearity
Note 9
±10
ps
tS
Setup Time
D to LEN
D to IN
/EN to IN
Note 10
Note 11
200
350
300
ps
tH
Hold Time
LEN to D
IN to /EN
Note 12
200
400
ps
Notes:
7.
High-frequency AC electricals are guaranteed by design and characterization.
8.
Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the crosspoint of the output.
9.
INL (Integral Non-Linearity) is defined from its corresponding point on the ideal delay versus D[9:0] curve as the deviation from its ideal delay. The
maximum difference is the INL. Theoretical Ideal Linearity (TIL) = (measured maximum delay – measured minimum delay) ÷ 1024. INL = measured
delay – measured minimum delay + (step number
∞ TIL).
10. This setup time defines the amount of time prior to the input signal. The delay tap of the device must be set.
11. This setup time defines the amount of the time that /EN must be asserted prior to the next transition of IN, /IN to prevent an output response greater
than ±75mV to the IN, /IN transition.
12. Hold time is the minimum time that /EN must remain asserted after a negative going IN or a positive going /IN to prevent an output response
greater than ±75mV to the IN, /IN transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com