Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89295U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89295U
Description  2.5V/3.3V 1.5GHz Precision LVPECL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89295U_11 Datasheet HTML 1Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 2Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 3Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 4Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 5Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 6Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 7Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 8Page - Micrel Semiconductor SY89295U_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
SY89295U
March 2011
3
M9999-032511
hbwhelp@micrel.com or (408) 955-1690
Truth Tables
Input/Output
Inputs
Outputs
IN
/IN
OUT
/OUT
0
1
0
1
1
0
1
0
Digital Control Latch
LEN
Latch Action
0
Pass Through D[10:0]
1
Latched
Input Enable
/EN
Q, /Q
0
IN, /IN Delayed
1
Latched D[10:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com