Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY58034U_0708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58034U_0708
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034U_0708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58034U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58034U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Provides six ultra-low skew copies of the selected
input
2:1 MUX input included for clock switchover
applications
Guaranteed AC performance over temperature and
voltage:
• Clock frequency range: DC to > 6GHz
• <290ps IN-to-OUT tpd
• <60ps tr /tf times
• <20ps skew (output-to-output)
Unique input isolation design minimizes crosstalk
Ultra low-jitter design:
• <1psRMS random jitter
• <10psPP total jitter (clock)
• <1psRMS cycle-to-cycle jitter
• <0.7psRMS crosstalk-induced jitter
Low supply voltage operation: 2.5V and 3.3V
Unique input termination and VT pin accepts DC-
coupled and AC-coupled inputs (CML, PECL, LVDS)
Internal 50ý output source termination
400mV CML output swing
–40°C to +85°C temperature range
Available in 32-pin (5mm x 5mm) MLF® package
FEATURES
6GHz, 1:6 CML FANOUT BUFFER
WITH 2:1 MUX INPUT AND
INTERNAL I/O TERMINATION
Precision Edge®
SY58034U
APPLICATIONS
Redundant clock distribution
All SONET/SDH clock distribution
All Fibre Channel distribution
All Gigabit Ethernet clock distribution
The SY58034U is a 2.5V/3.3V precision, high-speed 1:6
fanout buffer capable of handling clocks up to 6GHz. A
differential 2:1 MUX input is included for redundant clock
switchover applications.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows the device to interface
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The outputs are 50ý source
terminated CML, with extremely fast rise/fall times
guaranteed to be less than 60ps.
The SY58034U operates from a 2.5V ±5% supply or a
3.3V ±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. For applications that
require LVPECL outputs, consider the SY58035U or
SY58036U Multiplexers. The SY58034U is part of Micrel’s
high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
Q0
/Q0
Q1
/Q1
Q2
/Q2
Q3
/Q3
Q4
/Q4
Q5
/Q5
IN0
/IN0
VT0
50
Ω
50
Ω
IN1
/IN1
VT1
50
Ω
50
Ω
0
1
MUX
SEL
(TTL/CMOS)
S
VREF-AC0
VREF-AC1
2:1 MUX
1:6 Fanout
Rev.: E
Amendment: /0
Issue Date:
August 2007


Similar Part No. - SY58034U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58034UMG MICREL-SY58034UMG Datasheet
534Kb / 11P
6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034UMGTR MICREL-SY58034UMGTR Datasheet
534Kb / 11P
6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034UMI MICREL-SY58034UMI Datasheet
534Kb / 11P
6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034UMITR MICREL-SY58034UMITR Datasheet
534Kb / 11P
6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58034U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com