Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY58034U_0708 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58034U_0708
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034U_0708 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58034U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Precision Edge®
SY58034U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC ) ...................... –0.5V to +4.0V
Input Voltage (VIN) .......................................... –0.5V to VCC
CML Output Voltage (VOUT) ........... VCC–1.0V to VCC+0.5V
Termination Current
Source or sink current on VT pin ........................ ±100mA
Input Current
Source or sink current on IN, /IN pin .................... ±50mA
Source or sink current on VREF-AC pin ................. ±2mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature Range (TS ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ............... +2.375V to +2.625V
............................................................. +3.0V to +3.6V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance(3)
MLF® (
θ
JA)
Still-Air ............................................................. 35°C/W
MLF® (
ψ
JB)
Junction-to-Board ............................................ 16°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.375
2.5
2.625
V
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC
245
320
mA
RDIFF_IN
Differential Input Resistance
90
100
110
ý
|IN–/IN|
RIN
Input Resistance (IN-to-VT)
45
50
55
ý
VIH
Input HIGH Voltage (IN, /IN)
Note 5
VCC–1.6
VCC
V
VIL
Input LOW Voltage (IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing (IN, /IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.2
V
|IN, /IN|
VT IN
IN to VT (IN, /IN)
1.28
V
VREF-AC
Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
Notes:
1. Permanent device damage may occur if the measurements in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only
and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
Ψ
JB and θJA are
determined for a 4-layer board in a still air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIH (min) not lower than 1.2V.
DC ELECTRICAL CHARACTERISTICS(4)
TA= –40°C to 85°C, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com