Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY58034U_0708 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58034U_0708
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034U_0708 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58034U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Precision Edge®
SY58034U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
V
CC = 2.5V ±5% or 3.3V ±10%; TA= -40°C to 85°C; RL = 100ý across each output pair or equivalent, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
R
L = 50ý to VCC
V
CC–0.020
V
CC
V
VOUT
Output Voltage Swing
See Figure 1a.
325
400
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 1b.
650
800
mV
ROUT
Output Source Impedance
40
50
60
ý
CML OUTPUT DC ELECTRICAL CHARACTERISTICS(6)
V
CC = 2.5V ±5% or 3.3V ±10%; TA= -40°C to 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
–125
40
µA
IIL
Input LOW Current
–300
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com