Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 14Page - Micrel Semiconductor MICRF506BML Datasheet HTML 15Page - Micrel Semiconductor MICRF506BML Datasheet HTML 16Page - Micrel Semiconductor MICRF506BML Datasheet HTML 17Page - Micrel Semiconductor MICRF506BML Datasheet HTML 18Page - Micrel Semiconductor MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor MICRF506BML Datasheet HTML 21Page - Micrel Semiconductor MICRF506BML Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Micrel
MICRF506BML/YML
Charge Pump
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000010
CP_HI
SC_by
‘0’
PA_by OUTS3
OUTS2
OUTS1
OUTS1
July 2006
18
M9999-092904
+1 408-944-0800
The charge pump current can be set to either 125µA
or 500µA by CP_HI (‘1’ → 500µA). This will affect
the loop filter component values, see “PLL Filter”
section. In most cases, the low current is best suited.
For applications using phase detector frequency and
high PLL bandwidth, the 500µA can be a better
choice.
PLL Filter
The design of the PLL filter will strongly affect the
performance of the frequency synthesizer. The PLL
filter is kept externally for flexibility. Input parameters
when designing the loop filter for the MICRF506 are
mainly the modulation method and the bit rate.
These choices will also affect the switching time and
phase noise.
The frequency modulation can be done in two
different ways with the MICRF506, either by VCO
modulation or by modulation with the internal
dividers (see chapter Frequency modulation for
further details). In the first case, the PLL needs to
lock on a new carrier frequency for every new data
bit. Now the PLL bandwidth needs to be adequately
high. It is recommended to use a third order filter to
suppress the phase detector frequency, as this is
not suppressed as much as when doing modulation
on the VCO with a lower bandwidth filter.
A schematic for a second (R2=0 and C3=NC) and
third order loop filter is shown in Figure 8.
C3
C1
Pin 27
CP_OUT
Pin 29
VARIN
C2
R2
R1
Figure 8. Second and Third Order Loop Filter
Table 9 shows three different loop filters, the two first
for VCO modulation and the last one for modulation
using the internal dividers. The component values
are calculated with RF frequency = 434MHz, VCO
gain = 32MHz/V and charge pump current = 125µA.
Other settings are shown in the table. The varactor
pin capacitance (pin 29) of 5pF does not influence
on the component values for the two filters with
lowest bandwidth.
Baud Rate
(kbaud/sec)
PLL
BW
(kHz)
Phase
Margin(˚)
Phase
Detector
Freq.
(kHz)
C1
C2
R1
R2
C3
VCO
>38.4
0.8
56
100
10nF
100nF 6.2kΩ
0
NC
VCO
>125
3,2
56
100
680pF 6.8nF
22kΩ
0
NC
Divider
<20
13
86
500
150pF
10nF
18kΩ 82kΩ
4.7pF
Table 9. Loop Filter Components Values
Lock Detect
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1
Modulation0
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
A lock detector can be enabled by setting LD_en
= 1. When pin LD is high, it indicates that the
PLL is in lock.
Modes of Operation
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
Mode1
Mode0
State
Comments
0
0
Power down
Keeps register configuration
0
1
Standby
Only crystal oscillator running
1
0
Receive
Full receive
1
1
Transmit
Full transmit ex PA state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com