Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Micrel
MICRF506BML/YML
RadioWire® RF Selection Guide
Device
Frequency Range
Maximum
Data Rate
Receive
Supply
Voltage
Transmit
Modulation
Type
Package
MICRF500
700MHz – 1.1GHz
128k Baud
12mA
2.5 to 3.4V
50mA
FSK
LQFP-44
MICRF501
300MHz – 440MHz
128k Baud
8mA
2.5 to 3.4V
45mA
FSK
LQFP-44
MICRF505
850MHz – 950MHz
200k Baud
13mA
2.0 to 2.5V
28mA
FSK
MLF™-32
MICRF506
410MHz – 450MHz
200k Baud
12mA
2.0 to 2.5V
21.5mA
FSK
MLF™-32
MICRF405
290-980MHz
200k Baud
NA
2.0-3.6V
18mA
FSK/ASK
MLF™-24
Ordering Information
Part Number
Junction Temp. Range
(1)
Package
MICRF506YML TR
–40° to +85°C
Lead free 32-Pin MLF
TM
MICRF506BML TR
–40° to +85°C
32-Pin MLF
TM
____________________________________________________________________________________________________
Block Diagram
VCO
Bias
RSSI
DATAIXO
DATACLK
VARIN
XTALOUT
XTALIN
CPOUT
LD
PTATBIAS
ANT
Sallen-key
Sallen-key
Main
filter
Main
filter
DIV 4
LO-Buffer
Frequency
Synthesiser
RSSI
XCO
CS
IO
SCLK
CIBIAS
LC Filter
Loop
filter
July 2006
4
M9999-092904
+1 408-944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com