Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 34Page - Micrel Semiconductor MICRF506BML Datasheet HTML 35Page - Micrel Semiconductor MICRF506BML Datasheet HTML 36Page - Micrel Semiconductor MICRF506BML Datasheet HTML 37Page - Micrel Semiconductor MICRF506BML Datasheet HTML 38Page - Micrel Semiconductor MICRF506BML Datasheet HTML 39Page - Micrel Semiconductor MICRF506BML Datasheet HTML 40Page - Micrel Semiconductor MICRF506BML Datasheet HTML 41Page - Micrel Semiconductor MICRF506BML Datasheet HTML 42Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
40
M9999-092904
+1 408-944-0800
Table 2: Main Mode bit
Mode1
Mode0
State
Comments
0
0
Power down
Keeps Register configuration
0
1
Standby
Crystal Oscillator running
1
0
Receive
Full Receive
1
1
Transmit
Full Transmit ex. PA stage
Table 3: Synchronizer mode bit
Sync_en
State
Comments
0
Rx: Bit synchronization off
Transparent reception of data
0
Tx: DataClk pin off
Transparent transmission of data
1
Rx: Bit synchronization on
Bit-clock is generated by transceiver
1
Tx: DataClk pin on.
Bit-clock is generated by transceiver
Table 4: Modulation bit
Modulation1
Modulation0
State
Comments
0
0
Closed loop VCO-modulation
VCO is phase-locked
0
1
Open loop VCO-modulation
Not recommend
1
0
Modulation by A,M and N
Modulation inside PLL
1
1
Not defined
Reserved for future use
Table 5: Prefilter bit
PF_FC1
PF_FC0
State
0
0
3 dB filter corner at 100 KHz
0
1
3 dB filter corner at 150 KHz
1
0
3 dB filter corner at 230 KHz
1
1
3 dB filter corner at 340 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com