Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF219_11 Datasheet HTML 10Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 11Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 12Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 13Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 14Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 15Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 16Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 17Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Micrel
MICRF219
14
M9999-060811
(408) 944-0800
Crystal Selection
June 2011
Figure 6. Plotting of Shunt Inductor and Series
Capacitor
ed respectively) is the
internal circuits.
F load capacitance,
+105ºC temperature
crel’s approved
(www.hib.com.br
Crystal Y1 or Y1A (SMT or lead
reference clock for all the device
Crystal characteristics of 10p
30ppm, ESR < 50Ω,
−40ºC to
range are desired. Table 4 shows Mi
crystal
suppliers
such
as
or
http://www.abracon.com/ ) and
The oscillator of the MICRF219 i
oscillator. Good care must be
the printed circuit board. Avoi
the ground plane on the to
REFOSC pins RO1 and RO2. Wh
in the layout, and the crystals
the frequencies.
s a Pierce-type
taken when laying out
d long traces and place
p layer close to the
en care is not taken
used are not verified,
the oscillator may take longer time to start. Time-to-
be longer as well. In
citance is too high (>
the receiving central
r the oscillator may not
C = RF
cal oscillator is low-side
injection (32 × 13.52127MHz = 432.68MHz), that is,
its frequency is below the RF carrier frequency and
the image frequency is below the LO frequency. See
Figure 7. The product of the incoming RF signal and
good-data in the DO pin will
some cases, if the stray capa
20pF). In this case, either
frequency will offset too much o
start.
The crystal frequency is calculated by REFOS
Carrier/(32+(1.1/12)). The lo
local oscillator signal will yield the IF frequency, which
will be demodulated by the detector of the device.
Figure 7. Low-Side Injection Local Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com