Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF219_11 Datasheet HTML 1Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 2Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 3Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 4Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 5Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 6Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 7Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 8Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel
MICRF219
June 2011
4
M9999-060811
(408) 944-0800
apply for VDD
D = 0V, CAGC = 4.7µF, CTH = 0.1µ
X = 433.92 M
le
erwise noted. Bold values
C. 1kbps data rate (Manchester encoded), refer
ator frequenc
.52127MHz.
on
Typ.
Max.
Units
Electrical Characteristics (Continued)
Specifications
= 3.3V, GN
F, fR
Hz un ss oth
= 13
indicate –40
°C – TA – 105°
ence oscill
y
Parameter
Conditi
Min.
Reference Oscillator Input Range
0.2
1.5
VP-P
Reference Oscillator Sourc
) = 0V
300
µA
e
V(REFOSC
Current
Demodulator
FREFOSC = 9.81563 MHz
165
CTH Source Impedance
z
120
kΩ
FREFOSC = 13.52127MH
CTH Leakage Current
TA = 25ºC
T = +105ºC
A
±2
±800
nA
Demodulator Filter Bandwid
, see application section
0
9400
Hz
th
Programmable
@ 315MHz
117
Demodulator Filter Bandwi
@ 434MHz
e, see application section
625
13000
Hz
dth
Programmabl
1
Digital / Control Functions
DO Pin Output Current
DD
sink @ 0.2 VDD
260
600
µA
As output source @ 0.8 V
Output Rise And Fall Times
CI = 15pF, pin DO, 10-90%
2
µsec
Input High Voltage
Pins SCLK, DO (As input), SHDN,SEL0,
SEL1,SQ
0.8VDD
V
Input Low Voltage
Pins SCLK, DO (As input), SHDN, SEL0,
0.2VDD
V
SEL1,SQ
Output Voltage High
DO
0.8VDD
V
Output Voltage Low
DO
0.2VDD
V
RSSI
−100dBm
0.4
RSSI DC Output Voltage Range
−40dBm
2.0
V
RSSI Response Slope
−110dBm to -40dBm
25
mV/dB
RSSI Output Current
400
µA
RSSI Output Impedance
250
Ω
RSSI Response Time
50% data duty cycle, input power to Antenna = -
20dBm
0.3
sec
Notes:
eeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside of its operating rating.
3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is defined
as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kbps.
5.
When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any “quiet” time between data bursts. When data
bursts contain preamble sufficient to charge the slice level on capacitor CTH, then duty cycle is the effective duty cycle of the burst alone. [For
example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts. If burst includes preamble, duty cycle is
TON/(TON+tOFF)= 50%; without preamble, duty cycle is TON/(TON+ TOFF + TQUIET) = 50msec/(200msec)=25%. TON is the (Average number of
1’s/burst) × bit time, and TOFF = (TBURST – TON.)
1.
Exc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com