Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF219_11 Datasheet HTML 15Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 16Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 17Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 18Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 19Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 20Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 21Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 22Page - Micrel Semiconductor MICRF219_11 Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Micrel
MICRF219
June 2011
22
M9999-060811
(408) 944-0800
QR219BPF Bill of Materials, 433.92MHz
m
Reference
rt
ription
Qty.
Ite
Pa
Desc
1
ANT1
2AWG
mm (6.6”) 22AWG wire
1
2
rigid wire
167
2
5
3 chip capacitor
1
C3
1.5pF 0V
060
3
4.7uF 6
5 chip capacitor
1
C4
.3V
080
4
0.1uF 1
03 chip capacitor
2
C6,C5
6V
06
5
5.6pF 5
pacitor
1
C8
0V
0603 chip ca
6
C10,C9
10pF 50
603 chip capacitor
2
V
0
7
JP1, JP2, R5, R6, R7
0ohm
esistor
5
0603 chip r
8
R1, R2, JP3, JP
(np)
ip resistor, not placed
4
4
0603 ch
9
J1
CON7
in connector
1
7 p
10
J2
unt SMA connector
1
(np)
Edge mo
11
L1
H 5%
5%, 0603 SMT inductor
1
24n
12
L2
ductor
1
39nH 5%
5%, 0603 SMT in
13
R3
100kohm
0603 chip resistor
2
14
U1
MICRF219AYQS
MICRF219 chip
1
15
Y1
13.52127MHz
Crystal
1
f Materials, 433.92MHz
2
PF Bill o
ials,
m
Part
scription
Qty.
Table 10. QR219BPF Bill o
QR 19B
f Mater
315MHz
Ite
Reference
De
1
22AWG
”) 22AWG wire
1
ANT1
rigid wire
230mm (9.0
2
C3
1.8pF 5
apacitor
1
0V
0603 chip c
3
C4
4.7µF 6
ip capacitor
1
.3V
0805 ch
4
C6,C5
0.1µF 1
ip capacitor
2
6V
0603 ch
5
C8
6.8pF 5
03 chip capacitor
1
0V
06
6
C10,C9
50
3 chip capacitor
2
10pF
V
060
7
JP1, JP2, R5, R6, R7
0Ω
0603 chip resistor
5
8
R1, R2, JP3, JP4
tor, not placed
4
(np)
0603 chip resis
9
J1
CON7
7 pin connector
1
10
J2
(np)
Edge mount SMA connector
1
11
L1
39nH 5%
5%, 0603 SMT inductor
1
12
L2
68nH 5%
5%, 0603 SMT inductor
1
13
R3
100kΩ
0603 chip resistor
2
14
U1
MICRF219AYQS
MICRF219 chip
1
15
Y1
9.81563MHz
Crystal
1
Table 11. QR219BPF Bill of Materials, 315MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com