Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor MICRF219 Datasheet HTML 20Page - Micrel Semiconductor MICRF219 Datasheet HTML 21Page - Micrel Semiconductor MICRF219 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Micrel
MICRF219
June 2011
18
M9999-060811
(408) 944-0800
the
are
(LSB D0)
1, and D2
e only bits
t sequence
if only the
ence must
s the stop
ides D17)
ended that
Q) be kept
After the
uence (as
mode and
reestablish the DO pin as an output again. To do so,
the
in ch nges
from
high, then low again, followed by the
SCL
of the programming bits
are
e kept as shown belo :
T1 < 0.1µs, Time from SCLK to convert DO to
input pin
T6 > 0.1µs, SCLK high time
T7 > 0.1µs, SCLK low time
T2, T3, T4, T5, T8, T9, T10 > 0.1µs
Bits are serially programmed starting with
significant bit (MSB = D19) if all bits
programmed until the least significant bit
For instance, if only the desense bits D0, D
are being programmed, then these are th
that need to be programmed with the star
D2, D1, D0, plus the stop sequence. Or,
squelch bit D17 is needed, then the sequ
be from start sequence, D17 through D0 plu
sequence, making sure the other bits (bes
are programmed as needed. It is recomm
all parallel input pins (SEL0, SEL1, and S
high when using the serial interface.
programming bits are finished, a stop seq
shown in Figure 14) is required to end the
most
being
=
SCLK pin is kept high while the DO p
low to
a
K pin made low. Timing
not critical, but should b
w
DO PIN AS OUTPUT
DO
D1
“1”
“0”
“1”
DO
SCLK
T10
BIT TIME 18
BIT TIME 19
Figure 14. Serial Interface Stop Sequence
SCLK frequency should be greater than 5kHz to avoid
automatic reset from internal circuitry.
ing Examples
See Figures 15 – 17. (Channel 1 is the DO pin, and
channel 2 is the SCLK pin).
Serial Interface Register Load
Figure 15. All Bits D19 through D0 = 0
Figure 16. All Bits D19 through D0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com