Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF219 Datasheet HTML 1Page - Micrel Semiconductor MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel
MICRF219
June 2011
2
M9999-060811
(408) 944-0800
Pin Configuration
1
RO1
GNDRF
ANT
GNDRF
Vdd
SQ
SEL0 7
SHDN
16 RO2
SCLK
RSSI
CAGC
CTH
SEL1
DO
GND
15
14
13
12
11
10
9
2
3
4
5
6
8
MICRF219AYQS
Pin Descript
SOP
n N
ion
16-Pin
Q
Pi
ame
Pin Function
1
RO
ut: Reference resonator input connection to pierce oscillator stage. May also
aximum. Internal
e of 7pF to GND during normal operation.
1
be driven by external reference signal of 200mVp-p to 1.5V p-p amplitude m
capacitanc
Reference Oscillator Inp
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
antenna. Internally AC coupled. It is recommended a matching
on.
network with an inductor-to-RF ground be used to improve ESD protecti
Antenna Input: RF signal input from
4
ND
G
RF
Ground connection for ANT RF input.
5
D
lose to the
V D
Positive supply connection for all chip functions. Bypass with 0.1µF capacitor located as c
VDD pin as possible.
6
SQ
l-up pulls the logic-input HIGH when the device is
vel signal is applied the
enabled. Bit D17 sets whether squelch is enabled or disabled when a logic-le
SQ pin. See Squelch Enable Truth-Table on page
Squelch Control Logic-Level Input. An internal pul
7
E
A typical) when not in
dwidth LSB when serial
ined in SLEEP mode.
S L0
Demodulator Filter Bandwidth Select Logic-Level Input. Internal pull-up (3u
shutdown or SLEEP mode. Used in conjunction with SEL1 to control D3 ban
interface contains default setting. It does not need to be def
8
HD
logic-level HIGH places
in low-power shutdown mode. An internal pull-up pulls the logic input HIGH.
S
N
Shutdown control Logic-Level Input. A logic-level LOW enables the device. A
the device
9
N
G D
Negative supply connection for all chip functions except for RF input.
10
DO
ble.
sed as a CMOS Schmitt input
utdown and sleep modes.
A current limited CMOS output during normal operation this pin is also u
for serial interface data. A 25kΩ pull-down is present when device is in sh
Data Input and Output. Demodulated data output. May be blanked until bit checking test is accepta
11
SEL1
pical) pull-up when not in
shutdown or SLEEP mode. Used in conjunction with SEL0, to control D4 bandwidth MSB, when serial
interface contains default setting. It does not need to be defined in SL
de.
Demodulator Filter Bandwidth Select Logic-Level Input: Internal (3uA ty
EEP mo
12
CTH
Demodulation threshold voltage integration capacitor. Capacitor-to-GND sets the settling time for the
demodulation data slicing level. Values above 1nF are recommended and should be optimized for data
rate and data profile.
13
CAGC
AGC filter capacitor. A capacitor, normally greater than 0.47μF, is connected from this pin-to-GND
14
RSSI
Received signal strength indication (output): Output is from a switched capacitor integrating op amp
with 220Ω typical output impedance.
15
SCLK
Serial interface input clock. CMOS Schmitt input. A 25kΩ pull-down is present when device is in
shutdown mode.
16
RO2
Reference resonator connection. Internal capacitance of 7pF to GND during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com