Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF219 Datasheet HTML 1Page - Micrel Semiconductor MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel
MICRF219
June 2011
3
M9999-060811
(408) 944-0800
.
.
.
Storage Temperature (Ts)...................... -65ºC t +150°C
wer ......................... +10dBm
..
..
.
.............+3.0V to +3.6V
......... –40°C to +105°C
............................. 3.6V
.......................
−20dBm
Receive Modulation Duty Cycle
(6) .................... 20~80%
Frequency Range...........................300MHz to 450MHz
ica Character
for VDD = 3
CTH = 0.1µF RX =
z unle
rwise noted. Bold values
indicate –40
°C – TA – 105°C.
ded), re
ence oscillator frequency = 13.52127MHz.
on
Min.
Typ.
Max.
Units
Absolute Maximum Ratings(1)
Supply Voltage (VDD) ..................................... .......... +5V
Supply voltage (VDD)................
Input Voltage. .................................................. .......... +5V
Ambient Temperature (TA) ........
Junction Temperature ....................... .............
.
.....+150ºC
Input Voltage (Vin) ....................
Lead Temperature (soldering, 10sec.) ................ ...300°C
Maximum Input RF Power.........
.
o
Maximum Receiver Input Po
(3)
EDS Rating ..... .......................... ............... 2KV HBM
l
Operating Ratings(2)
Electr
istics
Specifications apply
.3V, GND = 0V, CAGC = 4.7µF,
, f
433.92 MH
ss othe
1kbps data rate (Manchester enco
fer
Parameter
Conditi
Continuous Operation, fRX = 315MHz
4.0
Operating Supply Current
ntinuous Operation, fRX = 433.92MH
6.0
mA
Co
z
Shutdown Current
0.15
µA
Receiver
Image Rejection
25
dB
fRX = 315MHz
0.86
1
st IF Center Frequency
= 433.92MHz
1.2
MHz
fRX
fRX = 315 MHz, 50Ω BER=10
-2
−110
Receiver Sensitivity @ 1
(Note 4)
kbps
f
= 433.92MHz, 50Ω BER=10
−110
dBm
RX
-2
fRX = 315MHz
235
IF Bandwidth
fRX = 433.92MHz
330
kHz
fRX = 315MHz
2 – j235
3
Antenna Input Impedance
RX
Hz
74
Ω
f
= 433.92M
19 – j1
Receive Modulation Duty Cyc
20
80
%
le
Note 5
AGC Attack / Decay Ratio
tATTACK / tDECAY
0.1
AGC Pin Leakage Current
TA = 25ºC
TA = +105ºC
±30
±800
nA
nA
RFIN @ −40dBm
1.15
V
AGC Dynamic Range
RFIN @ −100dBm
1.70
V
Reference Oscillator
fRX = 315 MHz, Crystal Load Cap = 10pF
9.81563
Reference Oscillator Frequency
fRX = 433.92 MHz, Crystal Load Cap = 10pF
2127
MHz
13.5
Reference Oscillator Input
Impedance
RO1
1.6
kΩ
Reference Oscillator Bias Voltage
RO2
1.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com