Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF218 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor MICRF218 Datasheet HTML 10Page - Micrel Semiconductor MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Micrel
MICRF218
November 2011
9
M9999-111111
(408) 944-0800
Figure 1 Simplified Block Diagram
Functional Description
Figure 1 illustrates the basic structure of the
MICRF218. It is composed of three sub-blocks; Image
Rejection UHF Down-converter with Switch-able Dual
IF Bandwidths, the OOK Demodulator, and Reference
and Control Logics.
Outside the device, the MICRF218 requires only three
components to operate: two capacitors (CTH, and
CAGC) and the reference frequency device, usually a
quartz crystal.
Additional five components may be used to improve
performance. These are: low cost linear regulator
decoupling capacitor, two components for the
matching network, and two components for the pre-
selector band pass filter.
Receiver Operation
LNA
The RF input signal is AC-coupled into the gate circuit
of the grounded source LNA input stage. The LNA is
a Cascoded NMOS.
Mixers and Synthesizer
The LO ports of the Mixers are driven by quadrature
local oscillator outputs from the synthesizer block.
The local oscillator signal from the synthesizer is
placed on the low side of the desired RF signal to
allow suppression of the image frequency at twice the
IF frequency below the wanted signal. The local
oscillator is set to 32 times the crystal reference
frequency via a phase-locked loop synthesizer with a
fully integrated loop filter.
Image Reject Filter and IF Band-Pass Filter
The IF ports of the mixer produce quadrature down
converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com