Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF218 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel
MICRF218
November 2011
2
M9999-111111
(408) 944-0800
315MHz/315.802, 900Hz Baud Rate Example
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
Vdd
IF_BW
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
MICRF218AYQS
Pin Description
16-Pin
QSOP
Pin
Name
Pin Function
1
RO1
Reference resonator input connection to Colpitts oscillator stage. May also be driven by external
reference signal of 1.5V p-p amplitude maximum.
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
RF signal input from antenna. Internally AC-Coupled. It is recommended that a matching network
with an inductor to RF ground is used to improve ESD protection.
4
GNDRF
Negative supply connection associated with ANT RF input.
5
VDD
Positive supply connection for all chip functions.
6
IF_BW
IF bandwidth control logic input. Use VDD for Wide IF Bandwidth or VSS for Narrow IF Bandwidth.
This pin must not be left floating, must be tied to VDD or VSS.
7
SEL0
Logic control input with active internal pull-up. Used in conjunction with SEL1 to control the
demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application
subsection)
8
SHDN
Shutdown logic control input. Active internal pull-up and must be pulled low for Normal Operation.
9
GND
Negative supply connection for all chip functions except RF input.
16-Pin
QSOP
Pin
Name
Pin Function
10
DO
Demodulated data output.
11
SEL1
Logic control input with active internal pull-up. Used in conjunction with SEL0 to control the
demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application
subsection)
12
CTH
Demodulation threshold voltage integration capacitor. Capacitor to GND sets the settling time for
the demodulation data slicing level. Values above 1nF are recommended and should be optimized
for data rate and data profile.
13
CAGC
AGC filter capacitor. A capacitor, normally greater than 0.47uF, is connected from this pin to GND
14
RSSI
Received signal strength indication output. Output is from a buffer with 200 ohms typical output
impedance.
15
NC
Not Connected
16
RO2
Reference resonator connection. 7pF in parallel with low resistance MOS switch to GND during
normal operation. Driven by startup excitation circuit during the internal startup control sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com