Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF218 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor MICRF218 Datasheet HTML 20Page - Micrel Semiconductor MICRF218 Datasheet HTML 21Page - Micrel Semiconductor MICRF218 Datasheet HTML 22Page - Micrel Semiconductor MICRF218 Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Micrel
MICRF218
November 2011
21
M9999-111111
(408) 944-0800
QR218HE1 Bill of Materials, 433.92 MHz
Item
Part Number
Manufacturer
Description
Qty.
ANT1
Helical PCB Antenna Pattern
1
ANT2
(np)50-ohm Ant 168mm 20 AWG, rigid wire
0
C9
MuRata
1.5pF , 0402/0603
1
C4
Murata / Vishay
4.7µF, 0805
1
C3
Murata/Vishay
1.1pF, 0402/0603
C6,C5
Murata / Vishay
0.1µF, 0402/0603
2
C8
Murata
5.6pF, 0402/0603
1
JP1,JP
2, JP3
Vishay
short, 0402, 0Ω resistor
2
JP4
(np) not placed
0
J2
(np) not placed
0
J3
CON6
1
L1
Coilcraft / Murata /
ACT1
24nH 5%, 0402/0603
1
L2
Coilcraft / Murata /
ACT1
39nH 5%, 0402/0603
1
L3
Coilcraft / Murata /
ACT1
30nH 2%, 0402/0603
1
R1,R2,
R4
(np) 0402, not placed
0
R3
Vishay
100kΩ , 0402
1
Y1
HCM49
www.hib.com.br
(np)13.51783MHz Crystal
0
Y1A
HC49/US
www.hib.com.br
13.51783MHz Crystal
1
U1
MICRF218AYQS
Micrel Semiconductor
QSOP16
1
Notes:
1.
On Semiconductor Tel: 800-344-3860
2.
Micro Commercial Corp. Tel: 800-346-3371
3.
Sumida Tel: 408-982-9660
4.
Murata Tel: 949-916-4000
5.
Vishay Tel: 402-644-4218
6.
Micrel Semiconductor Tel: 408-944-0800
Table 11. QR218HE1 Bill of Materials, 433.92 MHz, Narrow Band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com