Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS8024-RJX+ Datasheet HTML 4Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 5Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 6Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 10Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 11Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Smart Card Interface
8
_______________________________________________________________________________________
The DS8024 card interface remains inactive no matter
the levels on the command lines until duration tW after
VDD has reached a level higher than VTH2 + VHYS2.
When VDD falls below VTH2, the DS8024 executes a
card deactivation sequence if its card interface is
active.
Clock Circuitry
The clock signal from the DS8024 to the smart card
(CLK) is generated from the clock input on XTAL1 or
from a crystal operating at up to 20MHz connected
between pins XTAL1 and XTAL2. The inputs CLKDIV1
and CLKDIV2 determine the frequency of the CLK sig-
nal, which can be fXTAL, fXTAL/2, fXTAL/4, or fXTAL/8.
Table 1 shows the relationship between CLKDIV1 and
CLKDIV2 and the frequency of CLK.
Do not change the state of pins CLKDIV1 and CLKDIV2
simultaneously; a delay of 10ns minimum between
changes is required. The minimum duration of any state
of CLK is 8 periods of XTAL1.
The hardware in the DS8024 guarantees that the fre-
quency change is synchronous. During a transition of
the clock divider, no pulse is shorter than 45% of the
smallest period, and the clock pulses before and after
the instant of change have the correct width.
To achieve a 45% to 55% duty factor on pin CLK when
no crystal is present, the input signal on XTAL1 should
have a 48% to 52% duty factor. Transition time on
XTAL1 should be less than 5% of the period.
With a crystal, the duty factor on pin CLK may be 45%
to 55% depending on the circuit layout and on the crys-
tal characteristics and frequency.
The DS8024 crystal oscillator runs when the device is
powered up. If the crystal oscillator is used or the clock
pulse on pin XTAL1 is permanent, the clock pulse is
applied to the card at time t4 (see Figures 7 and 8). If
the signal applied to XTAL1 is controlled by the host
microcontroller, the clock pulse is applied to the card
when it is sent by the system microcontroller (after
completion of the activation sequence).
I/O Transceivers
The three data lines I/O, AUX1, and AUX2 are identical.
This section describes the characteristics of I/O and
I/OIN but also applies to AUX1, AUX1IN, AUX2, and
AUX2IN.
I/O and I/OIN are pulled high with an 11k
Ω resistor (I/O
to VCC and I/OIN to VDD) in the inactive state. The first
side of the transceiver to receive a falling edge
becomes the master. When the master is decided, the
opposite side switches to slave mode, ignoring subse-
quent edges until the master releases. After a time delay
tD(EDGE), an n transistor on the slave side is turned on,
thus transmitting the logic 0 present on the master side.
When the master side asserts a logic 1, a p transistor
on the slave side is activated during the time delay tPU
and then both sides return to their inactive (pulled up)
states. This active pullup provides fast low-to-high tran-
sitions. After the duration of tPU, the output voltage
depends only on the internal pullup resistor and the
load current. Current to and from the card I/O lines is
limited internally to 15mA. The maximum frequency on
these lines is 1MHz.
Inactive Mode
The DS8024 powers up with the card interface in the
inactive mode. Minimal circuitry is active while waiting
for the host to initiate a smart card session.
• All card contacts are inactive (approximately 200
to GND).
• Pins I/OIN, AUX1IN, and AUX2IN are in the high-
impedance state (11k
Ω pullup resistor to VDD).
• Voltage generators are stopped.
• XTAL oscillator is running (if included in the device).
• Voltage supervisor is active.
• The internal oscillator is running at its low frequency.
Activation Sequence
After power-on and the reset delay, the host microcon-
troller can monitor card presence with signals OFF and
CMDVCC, as shown in Table 2.
Table 1. Clock Frequency Selection
CLKDIV1
CLKDIV2
fCLK
0
0
fXTAL/8
0
1
fXTAL/4
1
1
fXTAL/2
1
0
fXTAL
Table 2. Card Presence Indication
OFF
CMDVCC
STATUS
High
High
Card present.
Low
High
Card not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com