Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS8024-RJX+ Datasheet HTML 2Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 3Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 4Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 5Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 6Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Smart Card Interface
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 2
CLKDIV1,
CLKDIV2
Clock Divider. Determines the divided-down input clock frequency (presented at XTAL1 or from a
crystal at XTAL1 and XTAL2) on the CLK output pin. Dividers of 1, 2, 4, and 8 are available.
3
5V/3V
5V/3V Selection Pin. Allows selection of 5V or 3V for communication with an IC card. Logic-high selects
5V operation; logic-low selects 3V operation. See Table 3 for a complete description of choosing card
voltages.
4
PGND
Analog Ground
5, 7
CP2, CP1
Step-Up Converter Contact. Charge-pump capacitor. Connect a 100nF capacitor (ESR < 100m )
between CP1 and CP2.
6
VDDA
Charge-Pump Supply. Must be equal to or higher than VDD. Connect a supply of at least 3.3V.
8
VUP
Charge-Pump Output. Connect a 100nF capacitor (ESR < 100m ) between VUP and GND.
9
PRES
Card Presence Indicator. Active-low card presence inputs. When the presence indicator becomes
active, a debounce timeout begins. After 8ms (typ) the OFF signal becomes active.
10
PRES
Card Presence Indicator. Active-high card presence inputs. When the presence indicator becomes
active, a debounce timeout begins. After 8ms (typ) the OFF signal becomes active.
11
I/O
Smart Card Data-Line Output. Card data communication line, contact C7.
12, 13
AUX2,
AUX1
Smart Card Auxiliary Line (C4, C8) Output. Data line connected to card reader contacts C4 (AUX1) and
C8 (AUX2).
14
CGND
Smart Card Ground
15
CLK
Smart Card Clock. Card clock, contact C3.
16
RST
Smart Card Reset. Card reset output from contact C2.
17
VCC
Smart Card Supply Voltage. Decouple to CGND (card ground) with 2 x 100nF or 100 + 220nF
capacitors (ESR < 100m ).
18
N.C.
No Connection. Unused on the DS8024.
19
CMDVCC
Activation Sequence Initiate. Active-low input from host.
20
RSTIN
Card Reset Input. Reset input from the host.
21
VDD
Supply Voltage
22
GND
Digital Ground
23
OFF
Status Output. Active-low interrupt output to the host. Use a 20k
integrated pullup resistor to VDD.
24, 25
XTAL1,
XTAL2
Crystal/Clock Input. Connect an input from an external clock to XTAL1 or connect a crystal across
XTAL1 and XTAL2. For the low idle-mode current variant, an external clock must be driven on XTAL1.
26
I/OIN
I/O Input. Host-to-interface chip data I/O line.
27, 28
AUX1IN,
AUX2IN
C4/C8 Input. Host-to-interface I/O line for auxiliary connections to C4 and C8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com